|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Off-Line PC Mount Transformer ELECTRONICS INC. EPC3099-X * Split Bobbin Construction * Dual Primaries : 115 V / 230 V * UL 94V-0 Recognized Components * UL 1446 Class B Insulation System * Meets or exceeds CSA/TUV/VDE Specifications for Creepage, Clearance and Dielectric Strength Electrical Parameters @ 25 C Part Number EPC3099-1 EPC3099-2 EPC3099-3 EPC3099-4 EPC3099-5 EPC3099-6 EPC3099-7 EPC3099-8 EPC3099-9 EPC3099-10 Primary Voltage Parallel Series Connection Connection 115 115 115 115 115 115 115 115 115 115 Secondary Voltage Parallel Series Connection Connection Secondary Current (A-Rms) Parallel Series Connection Connection 2.00 1.60 1.25 1.00 0.80 0.70 0.55 0.40 0.35 0.16 Power Rating (VA) 20 20 20 20 20 20 20 20 20 20 10 4.00 230 5.0 12.6 3.20 230 6.3 16 2.50 230 8.0 20 2.00 230 10 24 1.60 230 12 28 1.40 230 14 36 1.10 230 18 48 0.80 230 24 56 0.70 230 28 120 0.32 230 60 * Switching Frequency : 50 Hz - 500 Hz * Isolation : 2500 Vrms * Package 2.250 (57.20) 1.870 (47.60) Pri. 4 3 1.430 (36.50) 2 1 .280 (7.11) .300 (7.60) .041(1.04) .400 (10.20) 1.000 (25.40) 1 2 3 4 1.600 (40.60) Schematic Sec. 5 6 7 8 Note : 1. Optional Mounting Screws and Nut : 4-40 x 1.37 Nylon (4-40 x 34.9 mm) 5 6 7 8 Clearance Hole Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 Product performance is limited to specified parameters. Data is subject to change without prior notice. CSC3099-X Rev. 7/11/02 TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com |
Price & Availability of EPC3099-1 |